Part Number Hot Search : 
KTY82110 CLV0905E RH20GO95 2805D 003931 2060C KSMU6N25 CMHZ4103
Product Description
Full Text Search
 

To Download XAL1060-472ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C xal1060 document 812-1 document 812-1 revised 07/25/12 inductance 2 dcr (mohms) 3 srf typ 4 isat 5 irms (a) 6 part number 1 20% (h) typ max (mhz) (a) 20c rise 40c rise xal1060-181me_ 0.18 0.50 0.55 68 >100 28.8 46.0 xal1060-401me_ 0.40 0.80 0.88 60 82 25.9 36.8 xal1060-681me_ 0.68 1.35 1.50 51 52 22.4 33.9 xal1060-122me_ 1.2 2.50 2.75 44 43 17.9 26.3 xal1060-152me_ 1.5 3.00 3.30 36 36 16.0 24.4 xal1060-222me_ 2.2 4.50 4.95 25 32 13.9 20.0 xal1060-332me_ 3.3 7.20 7.92 19 26 11.2 16.8 XAL1060-472ME_ 4.7 9.75 10.72 16 25 8.5 14.0 1. when ordering, please specify packaging code: xal1060-152mec packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (150 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (750 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at which the inductance drops 30% (typ) from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. designers kit c435 contains 3 of each xal1060 and xal1010 value core material composite environmental rohs compliant, halogen free terminations rohs compliant tin-silver (96.5/3.5) over copper. other terminations available at additional cost. weight 3.6 C 3.8 g ambient temperature C40c to +125c with i rms current, +125c to +165c with derated current. storage temperature component: C40c to +165c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 150/7 reel; 600/13 reel plastic tape: 24 mm wide, 0.3 mm thick, 16 mm pocket spacing, 6.3 mm pocket depth pcb washing only pure water or alcohol recommended ? excellent current handling C over 100 a ? very low dcr C as low as 0.5 mohm ? soft saturation i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other components. therefore temper - ature rise should be verifed in application conditions. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation. high tempera ture
document 812-2 document 812-2 revised 07/25/12 shielded power inductors C xal1060 l vs current 01 02 03 05 06 07 08 09 0 100 40 0 0.10 0.05 0.20 0.25 0.15 0.30 current (a) inductance (h) 0.18 h 01 02 03 05 06 07 08 09 0 100 40 0 0.2 0.1 0.4 0.5 0.3 0.6 current (a) inductance (h) 0.40 h 5 0 0 0.2 0.4 0.6 0.8 1.0 10 15 20 25 35 40 45 50 55 60 30 current (a) inductance (h) 0.68 h 0 0.4 0.8 1.2 1.6 2.0 current (a) inductance (h) 1.2 h 4 08 12 16 20 44 40 48 52 24 28 36 32 0 0 1.6 1.2 0.8 0.4 2.0 2.4 48 12 16 20 28 32 36 40 44 48 24 current (a) inductance (h) 1.5 h 0 2 1 3 4 5 6 7 8 current (a) inductance (h) 4.7 h 02 46 81 4 12 16 18 20 22 24 26 28 30 10 0 1 2 3 4 current (a) inductance (h) 2.2 h 04 81 21 62 02 42 83 23 6 40 44 0 2 1 3 4 5 current (a) inductance (h) 3.2 h 02 46 81 4 12 16 18 20 22 24 26 28 30 32 34 36 10 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation. high tempera ture
document 812-3 document 812-3 revised 07/25/12 shielded power inductors C xal1060 dimensions are in inches mm esr vs frequency l vs frequency -40 -20 02 04 06 08 0 100 180 160 140 120 ambient temperature (c) pe r cent of rated rms i 120 110 100 90 80 70 60 50 40 30 20 10 0 25c irms derating 0.445 0.020 11,3 0,5 0.394 0.020 10,0 0,5 0.236 6,0 0.094 2,39 recommended land p attern dash n umber max 0.262 6,65 xxx 0.087 0.004 2,20 0,10 0.175 0.010 4,45 0,25 a (see tab le) b (see tab le) a dash b number (in / mm) (in / mm) -181 0.406 / 10.31 0.445 / 11.31 -401 0.390 / 9.91 0.421 / 10.70 -681 0.374 / 9.50 0.398 / 10.11 -122 0.358 / 9.10 0.374 / 9.50 -152 0.358 / 9.10 0.374 / 9.50 -222 -332 0.343 / 8.71 0.351 / 8.91 -472 0.343 / 8.71 0.351 / 8.91 0.008 in 0,20 mm 0.351 / 8.91 0.362 / 9.21 0 5 10 15 20 25 30 35 40 45 50 equiv alent series resistance (ohms) 0.1 1 100 10 frequenc y (mhz) 0.68 h 0.18 h 0.40 h 1.2 h 4.7 h 3.3 h 2.2 h 1.5 h 0.1 1 10 inductance (h) 0.1 1 100 10 frequenc y (mhz) 1.5 h 2.2 h 3.3 h 1.2 h 0.68 h 0.40 h 0.18 h 4.7 h us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation. high tempera ture


▲Up To Search▲   

 
Price & Availability of XAL1060-472ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X